PART |
Description |
Maker |
AT52BR1674T-85CI AT52BR1672 AT52BR1672-85CI AT52BR |
From old datasheet system 16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
|
ATMEL[ATMEL Corporation]
|
AT52BR3228A AT52BR3224A AT52BR3228AT-70CI AT52BR32 |
32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory 32兆位闪存4兆位/ 8兆位的SRAM堆栈内存
|
Atmel Corp. Atmel, Corp.
|
S29GL032A100BFIR10 S29GL032A100TFIR10 S29GL032A100 |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 64兆,32兆和16兆位3.0伏只页面模式闪存,含00纳米MirrorBit工艺技
|
Spansion Inc. Spansion, Inc.
|
AT49LW080 AT49LW040 AT49LW040-33JC AT49LW040-33TC |
8-megabit and 4-megabit Firmware Hub Flash Memory
|
Atmel Corp.
|
AT52BR1664A AT52BR1664AT AT52BR1664A-90CI AT52BR16 |
16-megabit Flash 4-megabit SRAM Stack Memory
|
ATMEL Corporation
|
AT49F080 AT49F080-12CC AT49F080-12CI AT49F080-12RC |
8-Megabit 1M x 8 5-volt Only Flash Memory 1M X 8 FLASH 5V PROM, 120 ns, PDSO40 8-Megabit (1M x 8) 5-volt ohly flash memory, 50mA active current, 0.3mA standbgy current
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AM75DL9608HGT75IT AM75DL9608HG AM75DL9608HGB70IS A |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
|
SPANSION[SPANSION]
|
EN71GL064B0 EN71GL064B0-70CWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM28F020A AM28F020A-120FCB AM28F020A-150FCB AM28F0 |
RES 562-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 70 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 150 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT49BV802A-70CI AT49BV802AT-70CI |
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory 8兆位(为512k × 16 / 1米8伏,只有闪存
|
Atmel, Corp.
|
AM29LV160DB-70WCE AM29LV160DT-70WCE AM29LV160DB-70 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|